PART |
Description |
Maker |
195-MB02 195-MB22 195-MB40 195-MB11 199-MXM1 100-M |
CONTACTOR 9A 24VDC 接触9A4Vdc CONTACTOR 5A 24VAC CONTACTOR 12A 24VDC CONTACTOR 5A 24VDC CONTACTOR 12A 24VAC CONTACTOR 9A 230VAC CONTACTOR 9A 24VAC CONTACTOR 5A 110VAC CONTACTOR 12A 110VAC MECHANICAL INTERLOCK AC CONTACT BLOCK AUX 1N0/1NC CONTACT BLOCK AUXILIARY 4NO CONTACT BLOCK AUX 2N0/2NC CONTACT BLOCK AUXILIARY 2NC
|
Princeton Technology, Corp.
|
LAD8N11 |
CONTACTOR AUXILIARY CONTACT BLOCK IEC
|
List of Unclassifed Manufacturers
|
LAD8N20 |
TeSys contactors
|
Telecommunication Electronics INC
|
2-1437392-3 |
CONTACT SECTION AND TUBULAR CONTACT ASSY. MIN TERM BLOCK
|
Tyco Electronics
|
39880-0109 39880-0107 39880-0104 39880-0113 MOLEXI |
15 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK Terminal Block; Number of Positions:4; Pitch Spacing:0.2"; Wire Size (AWG):30-12; Mounting Type:PC Board; Body Material:PA Polyamide (Nylon); Color:Black; Contact Plating:Tin; Current Rating:15A; Number of Rows:1
|
MOLEX INC
|
CAT1027 CAT1026 |
Dual Voltage Supervisory Circuit with I2C Serial 2K CMOS EEPROM, Auxiliary Voltage Monitor, Watchdog Monitors WDI Pin Dual Voltage Supervisory Circuit with I2C Serial 2K CMOS EEPROM, Reset Active High & Low, Auxiliary Voltage Monitor
|
Catalyst Semiconductor
|
A28F400BR-TB A28F400BR-B AB28F400BR-T80 AB28F400BR |
4-MBIT (256K X 16/ 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 4-MBIT (256K X 16, 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY Toggle Switch; Circuitry:DPDT; Switch Operation:On-On; Contact Current Max:6A; Actuator Style:Bat; Switch Terminals:Through Hole; Current Rating:3A; Leaded Process Compatible:Yes; Mounting Type:PCB; Features:Standard Actuator RoHS Compliant: Yes 4-MBIT (256K X 16. 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 4-Mbit (256K x 16, 512K x 8) SmartVoltage boot block flash memory. Access speed 80 ns
|
Intel Corporation Intel Corp.
|
2860400 |
Inline digital output terminal block, without accessories, 1 relay PDT contact, 5 - 253 V AC, 3 A
|
PHOENIX CONTACT
|
JT-5 |
Auxiliary Actuator, Roller Lever
|
Honeywell
|
N93205 N932C15DC12V N932 N932C15DC12VD |
Suitable for automation system and auxiliary automobile etc.
|
DB Lectro Inc
|
ASMT-FG70-NFJ00 |
Surface Mount Auto Focus Auxiliary LED
|
AVAGO TECHNOLOGIES LIMI...
|
1640160000 |
CONN PLUG TERM BLOCK 2POS 3.50MM 2 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, SCREW, SOCKET
|
Weidmuller, Corp.
|